Part Number Hot Search : 
81M25 S12N65 MAX4391 SR170 R2A20 FU9310 RS407 08053
Product Description
Full Text Search
 

To Download 31640 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chip line temp class 105c babt certification: working voltage: 250 vrms, supplementary insulation ul certification: working voltage 120 vrms, 200 vpk, supplementary insulation 1. inductance: @ 0.1 vrms, 10 khz, 1-4-2-5 = 418 to 462 h 2. leakage inductance: @ 0.1 vrms, 100 khz 1-4-2-5 w/ 10-7-9-6 shorted = 15 h max 3. iwc: 1-4-2-5 to 10-7-9-6 @ 100 khz = 30 pf max 4. turns ratio: 1-4 : 2-5 : 10-7 : 9-6 = 1 : 1 : 1 : 1 2% 5. dc resistance: ohms max 1-4, 2-5 = 0.50 10-7, 9-6 = 1.00 6. longitudinal balance: v1 = 0 dbm, rs = rl = 100 ohms, line = 10 -7-9-6, chip = 1-4-2-5, v2 = 60 db min 7. dielectric strength: 1500 vac, 1 minute (2500 vdc, 1 second minimum automatic test, 2 seconds minimum manual test) 1-4-2-5 to 10-7-9-6 8. harmonic distortion: v1 = 5.32 vrms (15 vp-p) @ 100 khz, v2 = -80 db max @ 40 khz, v2 = -70 db max, rs = rl = 100 ohms, line = 10-7-9-6, chip = 1-4-2-5 transformer, adsl, cp .005 .02 angle 3 place 2 place unless otherwise noted tolerances 31640 d 1 end page rev part number + - + - + - title specifications 1 4 5 2 9 6 7 10 wayzata, mn 55391 corporation schott 1000 parkers lake road pins:.028 x .045 (0.70 x 1.10) .150 (3.81) .110 min (2.79) .500 max (12.70) 1.050 max (26.67) .80 (20.32) .940 max (23.87) schott 31640 yyww 1 2 3 4 5 10 9 8 7 6 inches (mm) agency approval: babt cert # 610066 ul #: e145198


▲Up To Search▲   

 
Price & Availability of 31640

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X